Part Number Hot Search : 
135P00L1 90HBW10T BF775 H103J 3EH15 DT74FCT DS2D6CQ3 BUW49
Product Description
Full Text Search
 

To Download URS1E220MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
RS
Compact & Low-profile Sized
series
(Through 100V only)
More compact & low profile case sizes than VS series. Adapted to the RoHS directive (2002/95/EC).
RZ
High Temperature
RS
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Performance Characteristics
- 40 ~ +85C 6.3 ~ 400V 0.1 ~ 10000F 20% at 120Hz, 20C
Rated voltage (V) 6.3 ~ 100 After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater. After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
160 ~ 400 After 1 minute's application of rated voltage. I = 0.04CV+100 (A) or less
Leakage Current
Measurement frequency : 120Hz, Temperature : 20C
tan
Rated voltage (V)
tan (MAX.)
6.3 0.28
10 0.24
16 0.20 6.3 5 12
25 0.16 10 4 10
35 0.14 16 3 8 25 2 5
50 0.12 35 2 4
63 0.10 50 2 3
100 0.08 63 2 3
160 0.20 100 2 3
200 0.20 160 3 4 200 3 4
250 0.20 250 3 6
400 0.25 400 6 10
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 2000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C,they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Type numbering system (Example : 10V 330F)
d
1 2 3 4 5 6 7 8 9 10 11 12 Size code Configuration
P 0.5
URS 1 A 3 3 1 MPD
D+0.5 MAX
Capacitance tolerance (20%) Rated Capacitance (330F) Rated voltage (10V)
Pressure relief vent (8up)
Series name
L+
MAX
15MIN
4MIN
Type Configuration
(mm)
D 5 * 6.3 8 * 10 12.5 ~ 18 20
Pb-free leadwire Pb-free PET sleeve
D P d
5 2.0 0.5
6.3 2.5 0.5
8 3.5 0.6
10 5.0 0.6
12.5 5.0 0.6
16 7.5 0.8
18 7.5 0.8
20 10.0 1.0
DD PD HD RD
(D 20) 1.5 (D 20) 2.0
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
RS
Cap.(F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H 5x 9 5x 9 5x 9 5x 9 5x 9 5x 9 5x 9 35 55 95 100 130 220 340 480 590 1010 1560 2000 Case size
Rated ripple
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 5x 9 5x 9 5x 9 6.3 x 9 8x 9 5x 9 35 55 75 125 200 250 330 510 890 1200 1410 1660 2020 5x 9 5x 9 6.3 x 9 8x 9 8x 9 5x 9 5x 9 55 75 90 135 220 300 360 620 960 1300 1550 1850 2350 5x 9 5x 9 6.3 x 9 10 x 9 12.5 x 12.5 16 x 15 18 x 15 18 x 20 18 x 25 10 x 9 8x 9 5x 9 5x 9 40 70 85 100 160 290 360 410 720 1160 1460 1770 2170 5x 9 5x 9 5x 9 6.3 x 9 10 x 9 10 x 9 10 x 12.5 5x 9 5x 9 30 50 75 95 110 180 310 380 530 830 1360 1720 2050 5x 9 5x 9 5x 9 6.3 x 9 10 x 9 5x 9 8x 9
1.1 2.3 3.5 5 13 26 35 40 65 90 120 140 240 420 530 750 1160 1750
5x 9 5x 9 6.3 x 9 6.3 x 9 10 x 12.5 16 x 15 18 x 20 20 x 25 10 x 9 5x 9
6.3 x 9 10 x 9
12.5 x 15 16
x 15 16 x 15 18 x 15 18 x 20
12.5 x 15
10 x 12.5 16 x 15
12.5 x 15 18 x 15 18 x 20 18 x 25
12.5 x 12.5 18 x 20 20 x 25 16 x 15
10 x 12.5
12.5 x 12.5
18 x 15 18 x 20 18 x 25
D x L (mm)
V Cap.(F) Code
63 1J
100 2A 5x 9 5x 9 5x 9 5x 9 5x 9 5x 9 6.3 x 9 60 100 140 170 250 490 710 900 6.3 x 9 10 x 9 8x 9 5x 9 1.9 4.5 6.5 8 17 26 35 45 70 130 180 230 370 620 760
160 2C
200 2D
250 2E
400 2G
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 470
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 680 101 151 221 331 471 12.5 x 15.5 16 x 15.5 12.5 x 12.5 10 x 9.51 6.3 x 9.51 8 x 9.51 8 x 9.51 5 x 9.51
10 x 12.5 12.5 x 15 16 x 15
18 x 20
* 18 x 15
.20 x 25 18 x 25
16 x 15
420 490 590 710 770
18 x 20
* 18 x 15
18 x 25
.16 x 15
350 420 490 590 710
. 18 x 20
* 18 x 15
.16 x 15
280 350 420 490 590
* 18 x 15
18 x 25
16 x 15 18 x 20 20 x 25
140 280 350 420 490
.18 x 20 .18 x 25
.18 x 25
18 x 15
D x L (mm)
Case size
Rated ripple
Rated Ripple (mArms) at 85C 120Hz Size 16 x 20 is available for capacitors marked " " Size 20 x 15 is available for capacitors marked " " Size 20 x 20 is available for capacitors marked " "
*
Frequency coefficient of rated ripple current
V
Cap.(F) Frequency
6.3 ~ 100 160 ~ 400
00 ~ 47 100 ~ 470 1000 ~ 00000 10 ~ 220
50Hz 0.75 0.80 0.85 0.80
120Hz 1.00 1.00 1.00 1.00
300Hz 1.35 1.23 1.10 1.25
1 kHz 1.57 1.34 1.13 1.40
10 kHz ~ 2.00 1.50 1.15 1.60
In this case, 6 will be put at 12th digit of type numbering system.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of URS1E220MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X